PART |
Description |
Maker |
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
FFPF30U60S FFPF30U60STU FFPF30U60STTU |
High voltage and high reliability ULTRA FAST RECOVERY POWER RECTIFIER 30A/600V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
PF75 |
0.18 A, 7500 V, SILICON, SIGNAL DIODE Axialleaded Hermetically Sealed High Voltage Fast Recovery Rectifier Diode(反向电压6000V,平均正向电00mA,轴向引脚,密封型,高压,快速恢复整流二极管) Fast Recovery Axial Rectifier. 6000 V. Io=0.50 A RECTIFIER, 6kV, 500mA, 350ns PF75
|
Semtech Corporation
|
1F1G 1F2G 1F3G 1F4G 1F5G 1F6G 1F7G |
Fast Recovery Pack: R-1 FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
SRGPP10Y |
Fast Recovery Pack: DO-41 GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 1600V CURRENT: 1.0A
|
Gulf Semiconductor
|
EU02D EU02G EU02J |
Fast Recovery Pack: A-405 Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:200 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|
HTDR-3 |
300 NANOSECOND AT HIGH TEMPERATURE- FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
|
Electronic devices inc.
|
SEN-3698 |
High Voltage Multiplier Fast Recovery HIGH VOLTAGE MULTIPLIER, FAST RECOVERY
|
Sensitron ETC List of Unclassifed Manufacturers http://
|
AB01B |
High Voltage Fast Recovery Rectifier
|
Sanken electric
|